Part Number Hot Search : 
T3441N M38C81ME 2MQ35 DTR2G TLE4305 8EVKIT RM707 CAT37
Product Description
Full Text Search
 

To Download AND-8010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
OPTOELECTRONICS
Unit: mm
11.07 8 1 F 20.32 G 27.69 E D C A 16 B 10.16 0.5 dia.
LED Displays
AND-8010 Series
GaAsP/GaP-Red; GaP-Green 7 Segment, 0.8 Inch
Features
8
9
2.54
19.96 8.38 3.5 min.
* Large size--7 segment displays * 0.8 inch character height * Available in red or green * Suitable for large size displays for distance viewing, across-the-building status displays * Available in both common cathode and common anode * RoHS Compliant
15.24
Description
Size
0.8 inch 0.8 inch
Number of Digits
1 1
Common Cathode
AND-8010SCL AND-8010GCL
Color Anode Display
Red Green
Face
Red Gray
Number of Pins
16 16
AND-8010SAL AND-8010GAL
Absolute Maximum Ratings (T = 25C)
Characteristics DC Forward Current/Segment Reverse Voltage/Segment Operating Temperature Range Storage Temperature Range Symbol
IF(DC)/SEG VR TOpr TStg
Rating
30 3 (Red), 5 (Green) -25 to 85 -25 to 100
Unit
mA V C C
Electro-Optical Characteristics (T = 25C)
Characteristics Forward Voltage Reverse Current Luminous Intensity Per Segment Peak Emission Wavelength Spectral Line Half Width Red Green Red Green Red Green Symbol
VF IR IV P
Test Condition
IF = 10 mA VR = 3 (Red), 5 (Green) IF = 10 mA
Minimum
- - 2.3 2.0 - - - -
Typical
2.1 - 3.8 3.3 635 567 40 30
Maximum
3.0 100 -
Unit
V A mcd
- - nm - - nm -
IF = 10 mA
IF = 10 mA
Precaution Please be careful of the following: 1. Soldering temperature: 260C max; Soldering time: 3 sec. max; Soldering portion of lead: up to 2 mm from the body of the device. 2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the lead forming.
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * email@purdyelectronics.com * www.purdyelectronics.com
7/18/07
www..com
AND-8010 Series
GaAsP/GaP-Red; GaP-Green LED Displays
Luminous Intensity vs. Temperature 1.5 Luminous Intensity (mcd) 5 3 2 1
Luminous Intensity vs. Forward Current
Relative Intensity
Red Green
1.0
0.3
0.5
-40
-20
0 20 Temperature
40
60
80
1
23 10 20 30 Forward Current
(mA)
Forward Current vs. Forward Voltage Max Current vs. Temperature IF = Forward Current (mA) 50 40 30 20 10 0 1.6 +100C +25C -5C
Max. Current (mA)
30
20
10
0 20 40 60 80 Ambient Temperature 100 1.8 2.0 2.2 2.4
VF = Forward Voltage (V)
AND-8010 Series Pin Connection Table
AND-8010GCL Pin
1 2 3 4 5 6 7 8
AND-8010GAL Connection Anode R.H. dp Anode D Common Cathode Anode C Anode G Anode B No pin Common Cathode Pin
1 2 3 4 5 6 7 8
Connection Anode A Anode F Common Cathode Anode E Common Cathode Anode L.H. dp No pin No pin
Pin
9 10 11 12 13 14 15 16
Connection Cathode A Cathode F Common Anode Cathode E Common Anode Cathode L.H. dp No pin No pin
Pin
9 10 11 12 13 14 15 16
Connection Cathode R.H. dp Cathode D Common Anode Cathode C Cathode G Cathode B No pin Common Anode
Purdy Electronics Corporation * 720 Palomar Avenue * Sunnyvale, CA 94085 Tel: 408.523.8200 * Fax: 408.733.1287 * email@purdyelectronics.com * www.purdyelectronics.com
7/18/07


▲Up To Search▲   

 
Price & Availability of AND-8010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X